Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDJXXXG-SMC-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SMDJXXXG-SMC-R
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMDJXXXG-SMC-R Datasheet(HTML) 1 Page - Unisonic Technologies

  SMDJXXXG-SMC-R Datasheet HTML 1Page - Unisonic Technologies SMDJXXXG-SMC-R Datasheet HTML 2Page - Unisonic Technologies SMDJXXXG-SMC-R Datasheet HTML 3Page - Unisonic Technologies SMDJXXXG-SMC-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SMDJXXX
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R229-003.C
SURFACE MOUNT TRANSIENT
VOLTAGE SUPPRESSORS
DESCRIPTION
The UTC SMDJXXX is a surface mount transient voltage
supperssors, it uses UTC’s advanced technology to provide
customers with low leakage and very fast response time, etc.
FEATURES
* Excellent clamping capability
* Low leakage
* Very fast response time
SYMBOL
SMC
(JEDEC DO-214AB)
+
-
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
SMDJXXXL-SMC-R
SMDJXXXG-SMC-R
SMC
K
A
Tape Reel
Note: Pin Assignment: K: Cathode
A: Anode
(1) R: Tape Reel
(2) SMC: SMC
(3) L: Lead Free, G: Halogen Free
(4) A: 5% uni-directional
(5) xx: refer to ELECTRICAL CHARACTERISTICS
SMDJXXXL-SMC-R
(1)Packing Type
(2)Package Type
(3)Halogen Free
(4)Category
(5)Output Voltage Code
MARKING
Date Code
Voltage Code
Cathode Band for
uni-directional Only
UTC
SMDJXXX
Category


Similar Part No. - SMDJXXXG-SMC-R

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
SMDJXXXXX WEEN-SMDJXXXXX Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
SMDJXXXXXJ WEEN-SMDJXXXXXJ Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
More results

Similar Description - SMDJXXXG-SMC-R

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
SMAJ GWSEMI-SMAJ Datasheet
384Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
5.0SMDJ GWSEMI-5.0SMDJ Datasheet
336Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Unisonic Technologies
SMBJXXXXX UTC-SMBJXXXXX Datasheet
232Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Nanjing International G...
P4SMA DGNJDZ-P4SMA Datasheet
100Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
P6SMB DGNJDZ-P6SMB Datasheet
99Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ DGNJDZ-SMBJ Datasheet
290Kb / 6P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ DGNJDZ-SMCJ Datasheet
268Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com