Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TVS4S009G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TVS4S009G-AG6-R
Description  4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TVS4S009G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TVS4S009G-AG6-R Datasheet HTML 1Page - Unisonic Technologies TVS4S009G-AG6-R Datasheet HTML 2Page - Unisonic Technologies TVS4S009G-AG6-R Datasheet HTML 3Page - Unisonic Technologies TVS4S009G-AG6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TVS4S009
Preliminary
TVS
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R215-009.b
4-CHANNEL ESD SOLUTION
FOR HIGH-SPEED
DIFFERENTIAL INTERFACE
DESCRIPTION
The UTC TVS4S009 has four clamp circuits for dual differential
lines, which is an electrostatic discharge solution for high-speed
differential lines.
The excellent matching between the differential pair signal lines
enables this device to operate at high-speed differential data rates
(3dB bandwidth>4GHz). The UTC TVS4S009 is suitable for
high-speed
differential
applications,
such
as
high-definition
multimedia interface (HDMI), low-voltage differential signaling
(LVDS), serial advanced technology attachment (SATA), Ethernet,
etc. It also complies with IEC 61000-4-2 (Level 4) ESD.
The UTC TVS4S009 can operate over the ambient air
temperature range of -40°C~85°C.
FEATURES
* Supports high-speed differential data rates (3dB bandwidth>4 GHz)
* 0.05pF matching capacitance between differential signal pairs
* Flow-through single-in-line pin mapping for high-speed lines
ensures no additional board layout burden while placing ESD
protection chip near connector
* Low 0.8pF line capacitance for each data line to GND
* 2.5A peak pulse current (8/20µs pulse)
* IEC 61000-4-2 (Level 4) system-level ESD compliance
* Industrial temperature range: -40°C~85°C
SOT-26
1
2
3
4
5
6
ORDERING INFORMATION
Ordering Number
Package
Packing
TVS4S009G-AG6-R
SOT-26
Tape Reel


Similar Part No. - TVS4S009G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVS4000 TI2-TVS4000 Datasheet
712Kb / 14P
TVS5800 58V Flat-Clamp Surge Protection Device
JANUARY 2026
TVS4000 TI2-TVS4000 Datasheet
1Mb / 20P
TVS4000 40V Flat-Clamp Surge Protection Device
JULY 2026
TVS4000VEBR TI2-TVS4000VEBR Datasheet
1Mb / 20P
TVS4000 40V Flat-Clamp Surge Protection Device
JULY 2026
logo
Microsemi Corporation
TVS410 MICROSEMI-TVS410 Datasheet
143Kb / 4P
TRANSIENT VOLTAGE SUPPRESORS
logo
Digitron Semiconductors
TVS410 DIGITRON-TVS410 Datasheet
106Kb / 2P
TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - TVS4S009G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2E009 TI-TPD2E009 Datasheet
929Kb / 13P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD2EUSB30 TI-TPD2EUSB30_2 Datasheet
1Mb / 15P
2, 4-CHANNEL ESD SOLUTION FOR SUPER-SPEED (6 GBPS) USB 3.0 INTERFACE
TPD2E009 TI-TPD2E009_10 Datasheet
1Mb / 15P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD2E009 TI1-TPD2E009_14 Datasheet
1Mb / 18P
2-CHANNEL ESD SOLUTION FOR HIGH-SPEED (6 GBPS) DIFFERENTIAL INTERFACE
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com