Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SH08L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U7SH08L-AF5-R
Description  2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH08L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U7SH08L-AF5-R Datasheet HTML 1Page - Unisonic Technologies U7SH08L-AF5-R Datasheet HTML 2Page - Unisonic Technologies U7SH08L-AF5-R Datasheet HTML 3Page - Unisonic Technologies U7SH08L-AF5-R Datasheet HTML 4Page - Unisonic Technologies U7SH08L-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U7SH08
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-102,C
2-INPUT AND GATE
DESCRIPTION
The U7SH08 is a 2-input AND gate which provides the
Function Y=A*B.
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operation Voltage Range: 2~5.5V
* Low Power Current: ICC=2μA(Max)
* High Speed: tPD=4.3ns(Typ)
* High Noise Immunity: VNIH =VNIL=0.28*VCC(Min)
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U7SH08L-AF5-R
U7SH08G-AF5-R
SOT-25
Tape Reel
U7SH08L-AL5-R
U7SH08G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U7SH08L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SH08L-AF5-R UTC-U7SH08L-AF5-R Datasheet
169Kb / 5P
2-INPUT AND GATE
More results

Similar Description - U7SH08L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com