Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4148CC Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBD4148CC
Description  High Conductance Ultra Fast Diode 350mW
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBD4148CC Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBD4148CC Datasheet HTML 1Page - Micro Commercial Components MMBD4148CC Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l Surface Mount Package Ideally Suited for Automatic Insertion
l 150
oC Junction Temperature
l High Conductance
Mechanical Data
l Case: SOT-23, Molded Plastic
l Terminals: Solderable per MIL-STD-202, Method 208
l Marking: D5
l Weight: 0.008 grams ( approx.)
Maximum Ratings @ 25oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Working Inverse Voltage
VIV
75
V
DC Forward Current
IFM
600
mA
Average Rectified Current
IF(AV)
200
mA
Recurrent Peak Forward Current
IFRM
700
mA
Peak Forward Surge Current@ t=1.0s
@ t=1.0us
IFSM
1.0
2.0
A
Power Dissipation
Pd
350
mW
Thermal Resistance
R
357
o
C/W
Operation & Storage Temp. Range
Tj, TSTG
-55 to +150
o
C
Note:1) These ratings are based on a max. junction temperature of 150 degrees C
2)
These are steady state limits. The factory should be consulted on applications
involving pulsed or low duty cycle operation
Electrical Characteristics @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Min
Max
Unit
Test Cond.
Breakdown Voltage
VR
75
V
IR=100uA
Maximum
Instantaneous
Forward Voltage
VF
1.0
V
IF=10mA
Maximum
Instantaneous Reverse
Current
IR
25
50
5.0
nA
uA
uA
VR=20V
VR=20V TA=150
oC
VR=75V
Junction Capacitance
Cj
4
pF VR=0V, f=1.0MHz
Reverse Recovery
Time
trr
4
ns
IF=10mA, VR=6.0V,
IRR=1.0mA,
RL=100 OHM
MMBD4148CC
High Conductance
Ultra Fast Diode
350mW
Suggested Solder
Pad Layout
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
K
SOT-23
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD4148CC FAIRCHILD-MMBD4148CC Datasheet
63Kb / 4P
Small Signal Diode
logo
Jiangsu Changjiang Elec...
MMBD4148CC JIANGSU-MMBD4148CC Datasheet
130Kb / 2P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
MMBD4148CC TEL-MMBD4148CC Datasheet
103Kb / 1P
Plastic-Encapsulated Diodes
logo
Galaxy Semi-Conductor H...
MMBD4148CC BILIN-MMBD4148CC Datasheet
197Kb / 3P
Surface mount switching diode
logo
SEMTECH ELECTRONICS LTD...
MMBD4148CC SEMTECH_ELEC-MMBD4148CC Datasheet
186Kb / 2P
SURFACE MOUNT SWITCHING DIODE
More results

Similar Description - MMBD4148CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4150 FAIRCHILD-1N4150 Datasheet
26Kb / 3P
High Conductance Ultra Fast Diode
logo
Micro Commercial Compon...
MMBD4148CA MCC-MMBD4148CA Datasheet
127Kb / 2P
High Conductance Ultra Fast Diode 350mW
MMBD4148SE MCC-MMBD4148SE Datasheet
127Kb / 2P
High Conductance Ultra Fast Diode 350mW
logo
Unisonic Technologies
BAV99 UTC-BAV99_09 Datasheet
187Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
logo
Micro Commercial Compon...
MMBD4148CA MCC-MMBD4148CA_11 Datasheet
161Kb / 2P
High Conductance Ultra Fast Diode 350mW
MMBD4148CC MCC-MMBD4148CC_11 Datasheet
175Kb / 2P
High Conductance Ultra Fast Diode 350mW
MMBD4148SE MCC-MMBD4148SE_11 Datasheet
164Kb / 2P
High Conductance Ultra Fast Diode 350mW
MMBD4148CA MCC-MMBD4148CA_13 Datasheet
194Kb / 2P
High Conductance Ultra Fast Diode 350mW
MMBD4148CC MCC-MMBD4148CC_13 Datasheet
217Kb / 2P
High Conductance Ultra Fast Diode 350mW
MMBD4148SE MCC-MMBD4148SE_13 Datasheet
191Kb / 2P
High Conductance Ultra Fast Diode 350mW
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com