Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SH02L-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U7SH02L-AL5-R
Description  2-INPUT NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH02L-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U7SH02L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U7SH02L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U7SH02L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U7SH02L-AL5-R Datasheet HTML 4Page - Unisonic Technologies U7SH02L-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U7SH02
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-095.B
2-INPUT NOR GATE
DESCRIPTION
The U7SH02 is a 2-input NOR gate, it provides the function
Y=A+B
This device has power-down protective circuit, preventing device
destruction when it is powered down.
FEATURES
* Operation voltage range:
2~5.5V
* Low power current:
ICC=2μA(Max)
* High speed:
tPD=3.8ns(Typ)
* High noise immunity
* Power down protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U7SH02L-AF5-R
U7SH02G-AF5-R
SOT-25
Tape Reel
U7SH02L-AL5-R
U7SH02G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U7SH02L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7SH02L-AL5-R UTC-U7SH02L-AL5-R Datasheet
102Kb / 5P
2-INPUT NOR GATE
U7SH02L-AL5-R UTC-U7SH02L-AL5-R Datasheet
186Kb / 5P
2-INPUT NOR GATE
More results

Similar Description - U7SH02L-AL5-R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com