Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U7SH32L-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U7SH32L-AL5-R
Description  2-INPUT OR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U7SH32L-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U7SH32L-AL5-R Datasheet HTML 1Page - Unisonic Technologies U7SH32L-AL5-R Datasheet HTML 2Page - Unisonic Technologies U7SH32L-AL5-R Datasheet HTML 3Page - Unisonic Technologies U7SH32L-AL5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
U7SH32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-070.B
DYNAMIC CHARACTERISTICS (Input: tR, tF=3ns)
PARAMETER
SYMBOL
TEST CONDITIONS
TA=25℃
-40~85℃
UNIT
MIN
TYP
MAX
MIN
MAX
Propagation Delay From Input
(A or B) to Output(Y)
tPLH
VCC=3.3±0.3, CL=15pF
5.5
7.9
1.0
9.5
ns
tPHL
5.5
7.9
1.0
9.5
tPLH
VCC=3.3±0.3, CL=50pF
8.0
11.4
1.0
13.0
tPHL
8.0
11.4
1.0
13.0
Propagation Delay From Input
(A or B) to Output(Y)
tPLH
VCC=5±0.5, CL=15pF
3.8
5.5
1.0
6.5
ns
tPHL
3.8
5.5
1.0
6.5
tPLH
VCC=5±0.5, CL=50pF
5.3
10
1.0
8.5
tPHL
5.3
10
1.0
8.5
Power Dissipation Capacitance
CPD
No load
15
pF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com