Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC240G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AC240G-P20-R
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC240G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AC240G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AC240G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74AC240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-675.A
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Output Voltage
VOH
IOH = -50μA, VCC = 3V
2.9
V
IOH = -50μA, VCC = 4.5V
4.4
IOH = -50μA, VCC = 5.5V
5.4
IOH = -12mA, VCC = 3V
2.56
IOH = -24mA, VCC = 4.5V
3.86
IOH = -24mA, VCC = 5.5V
4.86
Low-Level Output Voltage
VOL
IOL = 50μA, VCC = 3V
0.1
V
IOL = 50μA, VCC = 4.5V
0.1
IOL = 50μA, VCC = 5.5V
0.1
IOL = 12mA, VCC = 3V
0.36
IOL = 24mA, VCC = 4.5V
0.36
IOL = 24mA, VCC = 5.5V
0.36
Input Leakage Current
(A or OE inputs)
II(LEAK)
VIN = VCC or GND, VCC = 5.5V
±0.1
μA
High-impedance state Current
IOZ
VO = VCC or GND, VCC = 5.5V
VI(OE) = VIL or VIH
±0.25
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT = 0, VCC = 5.5V
4
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC=5V
2.5
pF
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay from Input A
to Output Y, tPD
tPLH
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
6
8
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
4.5
6.5
tPHL
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
5.5
8
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
4.5
6
Propagation Delay from Input
OE
to Output Y, tEN
tPZH
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
6
10.5
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
5
7
tPZL
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
7
10
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
1.5
5.5
8
Propagation Delay from Input
OE
to Output Y, tDIS
tPHZ
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
7
10
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
2.5
6.5
9
tPLZ
VCC=3.3±0.3V, CL=50pF, RL=500Ω
1.5
7.5
10.5
ns
VCC=5±0.5V, CL=50pF, RL=500Ω
2
6.5
9
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance Per Buffer/Driver
CPD
VCC = 5V, f=1MHz, CL=50pF
45
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com