Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT04G-P14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74ACT04G-P14-R
Description  HEX INVERTERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT04G-P14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74ACT04G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT04G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT04G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT04G-P14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74ACT04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-406.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
-0.5 ~ 7
V
Input Voltage
VIN
-0.5 ~ VCC+0.5
V
Output Voltage
VOUT
-0.5 ~ VCC+0.5
V
DC Input Clamp Current
For VIN < 0 or VIN > VCC
IIK
±20
mA
DC Output Clamp Current
For VOUT < 0 or VOUT > VCC
IOK
±20
mA
Continuous Output Current
For VOUT=0 to VCC
IOUT
±50
mA
Continuous Current Through VCC or GND
±200
mA
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-14
θJA
81
°C/W
SOP-14
112
TSSOP-14
141
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage
VCC
4.5
5.5
V
High Level Input Voltage
VIH
VCC=4.5~5.5V
2
V
Low Level Input Voltage
VIL
VCC=4.5~5.5V
0.8
V
High Level Output Voltage
VOH
VCC=4.5V
IOUT=-50µA
4.4
4.49
V
VCC=5.5V
5.4
5.49
V
VCC=4.5V
IOUT=-24 mA
3.86
V
VCC=5.5V
4.86
V
Low Level Output Voltage
VOL
VCC=4.5V
IOUT=-50µA
0.001
0.1
V
VCC=5.5V
0.001
0.1
V
VCC=4.5V
IOUT=24mA
0.36
V
VCC=5.5V
0.36
V
Input Leakage Current
II(Leak)
VCC=5.5V, VIN=VCC or GND
±0.1
µA
Quiescent Device Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
2
µA
Additional quiescent Supply
Current
∆IQ
VCC=5.5V, One input at 3.4V,
Other inputs at GND or VCC
0.6
mA
Input Capacitance
CIN
VCC=5V, VIN=VCC or GND
4.5
pF
SWITCHING SPECIFICATIONS (TA=25°С ,Input tR, tF = 2.5ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Propagation Delay, A to Y
tPLH
VCC=5±0.5V, CL=50pF, RL=500Ω
1
6
8.5
ns
tPHL
VCC=5±0.5V, CL=50pF, RL=500Ω
1
5.5
8
ns
Power Dissipation Capacitance
(Notes 1, 2)
CPD
VCC=5V, CL=50pF,f=1MHZ
45
pF
Notes: 1. CPD is used to determine the dynamic power consumption, per inverter.
2. PD = VCC
2 fi (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com