Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC00G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC00G-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC00G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC00G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC00G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC00G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC00G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC00G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC00
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-212.B
QUADRUPLE 2-INPUT
POSITIVE-NAND GATES
DESCRIPTION
The U74AHC00 is QUADRUPLE 2-INPUT POSITIVE-NAND
GATES. Which provides the function Y
Β
×
Α
=
.
FEATURES
* Operation voltage range: 2~5.5V
* Max tPd of 6.5 ns at 5 V
* Low power consumption, 20-uA Max ICC
* ±8mA output drive at 5 V
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC00G-S14-R
SOP-14
Tape Reel
U74AHC00G-P14-R
TSSOP-14
Tape Reel
MARKING


Similar Part No. - U74AHC00G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC00 UTC-U74AHC00 Datasheet
151Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHC00-P14-R UTC-U74AHC00-P14-R Datasheet
151Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHC00-P14-T UTC-U74AHC00-P14-T Datasheet
151Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHC00-S14-R UTC-U74AHC00-S14-R Datasheet
151Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74AHC00-S14-T UTC-U74AHC00-S14-T Datasheet
151Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - U74AHC00G-S14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com