Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC02L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC02L-S14-R
Description  2-INPUT NOR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC02L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC02L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC02L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC02L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC02L-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC02L-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-344.C
SWITCHING CHARACTERISTICS (see Test Circuit and Waveforms)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation delay from input
(A or B) to output(Y)
tPLH/tPHL
VCC=3.3V±0.3V, CL=15pF
5.6
7.9
ns
VCC=3.3V±0.3V, CL=50pF
8.1
11.4
ns
tPLH/tPHL
VCC=5.0V±0.5V, CL=15pF
3.6
5.5
ns
VCC=5.0V±0.5V, CL=50pF
5.1
7.5
ns
OPERATING CHARACTERISTICS (VCC=5V, Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz
15
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com