Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC04G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC04G-S14-R
Description  HEX INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC04G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC04G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC04G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC04G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC04G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC04G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC04
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-387.C
STATIC CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Output Voltage
VOH
IOH=-50μA
VCC =2.0V
1.9
2.0
V
VCC =3.0V
2.9
3.0
VCC =4.5V
4.4
4.5
IOH=-4 mA
VCC =3.0V
2.58
IOH=-8mA
VCC =4.5V
3.94
Low-Level Output Voltage
VOL
IOL=50μA
VCC =2.0V
0.1
V
VCC =3.0V
0.1
VCC =4.5V
0.1
IOL =4 mA
VCC =3.0V
0.36
IOL =8mA
VCC =4.5V
0.36
Input Leakage Current
II(LEAK) VIN=5.5V or GND,VCC =0V to 5.5V
0.1
μA
Quiescent Supply Current
IQ
VIN=VCC or GND,IOUT=0,VCC =5.5V
2
μA
Input Capacitance
CI
VIN=VCC or GND, VCC =5V
2
10
pF
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay, From
Input(A) To Output(Y)
tPHL / tPLH VCC =3.3±0.3 V
CL=15 pF
5
8.9
ns
CL=50 pF
7.5
11.4
ns
Propagation Delay, From
Input(A) To Output(Y)
tPHL / tPLH VCC =5±0.5 V
CL=15 pF
3.8
5.5
ns
CL=50 pF
5.3
7.5
ns
OPERATING CHARACTERISTICS (VCC=5V; TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
NO Load, f=1MHz
12
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com