Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC32G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC32G-P14-R
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC32G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC32G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC32G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC32G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC32G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC32G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC32
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-343.B
ELECTRICAL CHARACTERISTICS (TA=25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
1.9
2.0
V
VCC=3.0V
2.9
3.0
V
IOH=-50μA
VCC=4.5V
4.4
4.5
V
IOH=-4mA
VCC=3.0V
2.58
V
High-Level Output Voltage
VOH
IOH=-8mA
VCC=4.5V
3.94
V
VCC=2.0V
0.1
V
VCC=3.0V
0.1
V
IOL=50μA
VCC=4.5V
0.1
V
IOL=4mA
VCC=3.0V
0.36
V
Low-Level Output Voltage
VOL
IOL=8mA
VCC=4.5V
0.36
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND VCC=0 to 5.5V
±0.1
μA
Quiescent Supply Current
IQ
VIN=VCC or GND
IOUT=0
VCC=5.5V
2
μA
Input Capacitance
CIN
VIN=VCC or GND
VCC=5.0V
2
10
pF
SWITCHING CHARACTERISTICS (see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CL=15 pF
5.5
7.9
ns
VCC=3.3V±0.3V
CL=50 pF
8
11.4
ns
CL=15 pF
3.8
5.5
ns
Propagation delay from input
(A or B) to output(Y)
tPLH / tPHL
VCC=5.0V±0.5V
CL=50 pF
5.3
7.5
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz, VCC=5V
14
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com