Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC164G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC164G-P14-R
Description  8-Bit Serial-In/Parallel-Out Shift Register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC164G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC164G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AHC164G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74AHC164
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-240.C
DYNAMIC CHARACTERISTICS (typical values at VCC=3V or VCC=5V)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation Delay from Input
(CP) to Output(Qn)
tPHL/tPLH
VCC=3.0V to 3.6V, CL=15pF
6.5
12.8
ns
VCC=3.0V to 3.6V, CL=50pF
9.3
16.3
VCC=4.5V to 5.5V, CL=15pF
4.5
9
VCC=4.5V to 5.5V, CL=50pF
6.4
11
Propagation Delay from Input
( MR ) to Output(Qn)
tPHL
VCC=3.0V to 3.6V, CL=15pF
5.3
12.8
ns
VCC=3.0V to 3.6V, CL=50pF
7.6
16.3
VCC=4.5V to 5.5V, CL=15pF
4
8.6
VCC=4.5V to 5.5V, CL=50pF
5.8
10.6
Maximum CP frequency
fMAX
VCC=3.0V to 3.6V, CL=15pF
80
125
MHZ
VCC=3.0V to 3.6V, CL=50pF
50
75
VCC=4.5V to 5.5V, CL=15pF
125
175
VCC=4.5V to 5.5V, CL=50pF
85
115
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
f=1MHz, CL=50pF
48
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com