Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT02G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT02G-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT02G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT02G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT02G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT02G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT02G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHCT02
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-452.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7
V
Input Voltage
VIN
-0.5 ~ +7
V
Output Voltage
VOUT
-0.5 ~ VCC +0.5
V
VCC or GND Current
ICC
±50
mA
Output Current (VOUT=0 ~ VCC)
IOUT
±25
mA
Input Clamping Current (VIN < 0V)
IIK
-20
mA
Output Clamping Current (VOUT<0 or VOUT> VCC)IOK
±20
mA
Storage Temperature
TSTG
-65 ~ + 150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are
observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
76
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
High-Level Input Voltage
VIH
VCC =4.5V to 5.5V
2.0
V
Low-Level Input Voltage
VIL
VCC =4.5V to 5.5V
0.8
V
High-Level Input Current
IOH
-8
mA
Low-Level Input Current
IOL
8
mA
Input Transition Rise or Fall Rate
tR / tF
VCC=5.0±0.5V
20
ns/V
Ambient Operating Temperature
TOPR
-40
+85
°C
STATIC CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
IOH=-50μA
VCC =4.5V
4.4
4.5
V
High-Level Output Voltage
VOH
IOH =-8mA
VCC =4.5V
3.94
V
IOL=50μA
VCC =4.5V
0.1
V
Low-Level Output Voltage
VOL
IOL =8mA
VCC =4.5V
0.36
V
Input Leakage Current
II(LEAK)
VIN= VCC or GND,VCC =0V to 5.5V
±0.1
μA
Quiescent Supply Current
IQ
VIN=VCC or GND,IOUT=0,VCC =5.5V
2
μA
Additional Quiescent Supply
Current Per Input Pin
∆IQ
One input at 3.4V, other inputs at
VCC or GND, IOUT=0, VCC = 5.5V
1.35
mA
Input Capacitance
CIN
VIN = VCC or GND, VCC = 5V
4
10
pF
SWITCHING CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
CL=15 pF
5.5
Propagation Delay, From Input(A
and B) To Output(Y)
tPLH / tPHL
VCC =5±0.5 V
CL=50 pF
7.5
ns
Power Dissipation Capacitance
CPD
f =1MHz, No load
17
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com