Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHCT08G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT08G-S14-R
Description  QUADRUPLE 2-INPUT POSITIVE-AND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT08G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT08G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT08G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT08G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT08G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74AHCT08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-415.B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)(Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~7
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
tR / tF
VCC=5.0+0.5V
20
ns/V
Ambient Operating Temperature
TOPR
-40
85
°C
STATIC CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC = 4.5~5.5 V
2.0
V
Low-Level Input Voltage
VIL
VCC = 4.5~5.5 V
0.8
V
VCC = 4.5V, IOH = -50 μA
4.4
4.5
High-Level Output Voltage
VOH
VCC = 4.5V, IOH = -8 mA
3.94
V
VCC = 4.5V, IOL = 50μA
0.1
Low-Level Output Voltage
VOL
VCC = 4.5V, IOL = 8 mA
0.36
V
Input Leakage Current
II(LEAK)
VCC = 5.5V, VIN = VCC or GND
±0.1
μA
Quiescent Supply Current
IQ
VCC = 5.5V, VIN = VCC or GND,
IOUT = 0
2
μA
Additional quiescent Supply Current
IQ
VCC = 5.5V, VIN = 3.4V; other
input at VCC or GND; IOUT=0
1.35
mA
Input Capacitance
CIN
VCC = 5V, VIN = VCC or GND
4
10
pF
DYNAMIC CHARACTERISTICS (tR, tF ≤ 3 ns;)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
5
6.9
tPHL
VCC =5±0.5 V, CL=15 pF
5
6.9
tPLH
5.5
7.9
Propagation delay from input
(A and B) to output (Y)
tPHL
VCC =5±0.5 V, CL=50 pF
5.5
7.9
ns
OPERATING CHARACTERISTICS (VCC = 5V; TA = 25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
TYP
UNIT
Power Dissipation Capacitance
CPD
No load, f=1MHz
18
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com