Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC14G-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC14G-S14-R
Description  HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC14G-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC14G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC14G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC14G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC14G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC14G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74HC14G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HC14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-071.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5V ~ 7V
V
Input Clamp Current
For VIN < 0 or VIN > VCC
IIK
±20
mA
Output Clamp Current
For VOUT < 0 or VOUT > VCC
IOK
±20
mA
Continuous Output Current
For VOUT = 0 to VCC
IOUT
±25
mA
VCC or Ground Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-14
80
°C/W
SOP-14
76
°C/W
Thermal Resistance Junction Ambient
TSSOP-14
θJA
113
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage Range HC Types
VCC
2
5
6
V
Input or Output Voltage
VIN, VOUT
0
VCC
V
Operating Temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=2V
0.7
1.2
1.5
VCC=4.5V
1.55
2.5
3.15
VIH
VCC=6V
2.1
3.3
4.2
VCC=2V
0.3
0.6
1
V
VCC=4.5V
0.9
1.6
2.45
V
VIL
VCC=6V
1.2
2
3.2
V
VCC=2V
0.2
0.6
1.2
V
VCC=4.5V
0.4
0.9
2.1
V
Input Switch Points
VTH
VCC=6V
0.5
1.3
2.5
V
VIN=VIH or VIL, VCC=2V, IOH=-0.02mA
1.9
V
VIN=VIH or VIL, VCC=4.5V, IOH=-0.02mA
4.4
V
High Level Output Voltage CMOS
Loads
VIN=VIH or VIL, VCC=6V, IOH=-0.02mA
5.9
V
VIN=VIH or VIL, VCC=4.5V, IOH=-4 mA
3.98
V
High Level Output Voltage TTL
Loads
VOH
VIN=VIH or VIL, VCC=6V, IOH=-5.2 mA
5.48
V
VIN=VIH or VIL, VCC=2V, IOL=0.02 mA
0.1
V
VIN=VIH or VIL, VCC=4.5V, IOL=0.02 mA
0.1
V
Low Level Output Voltage CMOS
Loads
VIN=VIH or VIL, VCC=6V, IOL=0.02 mA
0.1
V
VIN=VIH or VIL, VCC=4.5V, IOL=4 mA
0.26
V
Low Level Output Voltage TTL
Loads
VOL
VIN=VIH or VIL, VCC=6V, IOL=5.2 mA
0.26
V
Input Leakage Current
IIN
VIN=VCC and GND, VCC=6V
±0.1
µA
Quiescent Device Current
IQ
VIN=VCC or GND, VCC=6V, IOUT=0
2
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com