Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC14G-P14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC14G-P14-R
Description  HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC14G-P14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC14G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HC14G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HC14G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HC14G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HC14G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74HC14G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
U74HC14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-071.D
SWITCHING SPECIFICATIONS (TA = 25°C, Input tR, tF = 6ns, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=2V, CL=50pF
55
125
ns
VCC=4.5V, CL=50pF
12
25
ns
Propagation Delay,
A to Y
tPLH, tPHL
VCC=6V, CL=50pF
11
21
ns
VCC=2V, CL=50pF
38
75
ns
VCC=4.5V, CL=50pF
8
15
ns
Output Transition Times
tTLH, tTHL
VCC=6V, CL=50pF
6
13
ns
Input Capacitance
CIN
3
10
pF
Power Dissipation Capacitance
CPD
No load
20
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com