Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC164G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC164G-S14-R
Description  8-BIT SERIAL-IN AND PARALLEL-OUT SHIFT REGISTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC164G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC164G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HC164G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HC164G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HC164G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74HC164G-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC164
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-309.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~ +7
V
VCC or GND Current
ICC
±50
mA
Output Current
IOUT
±25
mA
Input Diode Current
IIK
±20
mA
Switch Diode Current
IOK
±20
mA
DIP-14
750
mW
SOP-14
500
mW
Power Dissipation
TSSOP-14
PD
500
mW
Storage Temperature
TSTG
-65 ~ +150
°С
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
5.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
VCC=2V
1000
ns
VCC=4.5V
6.0
500
ns
Input Transition Rise or Fall Rate
t/v
VCC=6V
400
ns
Operating Temperature
TA
-40
125
°С
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2.0V
1.5
1.2
V
VCC=4.5V
3.15
2.4
V
Input Voltage High-Level
VIH
VCC=6.0V
4.2
3.2
V
VCC=2.0V
0.8
0.5
V
VCC=4.5V
2.1
1.35
V
Input Voltage Low-Level
VIL
VCC=6.0V
2.8
1.8
V
VCC=2.0V, IOH=20µA
1.9
2.0
V
VCC=4.5V, IOH=20µA
4.4
4.5
V
VCC=6.0V, IOH=20µA
5.9
6.0
V
VCC=4.5V, IOH=4mA
3.98
4.32
V
Output Voltage High-Level
VOH
VCC=6.0V, IOH= 5.2mA
5.48
5.81
V
VCC=2.0V, IOL=20µA
0
0.1
V
VCC=4.5V, IOL=20µA
0
0.1
V
VCC=6.0V, IOL=20µA
0
0.1
V
VCC=4.5V, IOL=4mA
0.15
0.26
V
Output Voltage Low-Level
VOL
VCC=6.0V, IOL=5.2mA
0.16
0.26
V
Input Leakage Current
II(LEAK)
VIN=VCC or GND, VCC=6.0V
±0.1
µA
Quiescent Supply Current
IQ
VIN=VCC or GND,
VCC=6.0V, IOUT=0
8
µA
Input Capacitance
CIN
3.5
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com