Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC14G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AC14G-S14-R
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC14G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AC14G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74AC14G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74AC14G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74AC14G-S14-R Datasheet HTML 4Page - Unisonic Technologies U74AC14G-S14-R Datasheet HTML 5Page - Unisonic Technologies U74AC14G-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74AC14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-211.C
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~Vcc+0.5
V
Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current
IIK
±20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±200
mA
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOP-14
θJA
86
°С/W
TSSOP-14
113
°С/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2.0
6.0
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
High-Level Output Current
VCC=3V
IOH
-12
mA
VCC=4.5V
-24
VCC=5.5V
-24
Low-Level Output Current
VCC=3V
IOL
12
VCC=4.5V
24
VCC=5.5V
24
Operating Temperature
TA
-40
25
85
°С
STATIC CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=3.0V
0.8
1.8
2.2
V
VCC=4.5V
1.5
2.6
3.2
V
VCC=5.5V
1.6
3.2
3.9
V
Low-Level Input Voltage
VIL
VCC=3.0V
0.5
0.8
1
V
VCC=4.5V
0.9
1.4
1.8
V
VCC=5.5V
1.1
1.8
2.3
V
Hysteresis
VTH
VCC=3.0V
0.3
1
1.2
V
VCC=4.5V
0.4
1.2
1.4
V
VCC=5.5V
0.5
1.4
1.6
V
High-Level Output Voltage
VOH
VCC=3.0V, IOH=-50μA
2.9
V
VCC=4.5V, IOH=-50μA
4.4
V
VCC=5.5V, IOH=-50μA
5.4
V
VCC=3.0V, IOH=-12mA
2.56
V
VCC=4.5V, IOH=-24mA
3.86
V
VCC=5.5V, IOH=-24mA
4.86
V
Low-Level Output Voltage
VOL
VCC=3.0V, IOL=50μA
0.002
0.1
V
VCC=4.5V, IOL=50μA
0.001
0.1
V
VCC=5.5V, IOL=50μA
0.001
0.1
V
VCC=3.0V, IOL=12mA
0.36
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com