Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AC14G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AC14G-P14-R
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AC14G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AC14G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74AC14G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74AC14G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74AC14G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74AC14G-P14-R Datasheet HTML 5Page - Unisonic Technologies U74AC14G-P14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AC14
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-211.C
HEX SCHMITT-TRIGGER
INVERTER
DESCRIPTION
The U74AC14 contains six independent inverter with
Schmitt-trigger , provides the Function
YA
FEATURES
* Operation voltage range: 2.0~6.0V
* Low power dissipation:
ICC=20μA(Max)
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AC14G-S14-R
SOP-14
Tape Reel
U74AC14G-P14-R
TSSOP-14
Tape Reel
MARKING
SOP-14
TSSOP-14
U T C
U74A C14G
2 3 4 5 67
1
9
10
11
12
13
14
Date Code
Lot Code
8


Similar Part No. - U74AC14G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74AC14-S14-R UTC-U74AC14-S14-R Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74AC14-S14-T UTC-U74AC14-S14-T Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
More results

Similar Description - U74AC14G-P14-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Hitachi Semiconductor
HD74AC14 HITACHI-HD74AC14 Datasheet
44Kb / 8P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
SN74AUC14 TI-SN74AUC14 Datasheet
185Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74AC14 UTC-U74AC14 Datasheet
133Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
logo
Texas Instruments
SN74AHC14-EP TI1-SN74AHC14-EP Datasheet
555Kb / 12P
HEX SCHMITT-TRIGGER INVERTER
SN74AHCT14-EP TI1-SN74AHCT14-EP Datasheet
421Kb / 8P
HEX SCHMITT-TRIGGER INVERTER
logo
Fairchild Semiconductor
74F14SCX FAIRCHILD-74F14SCX Datasheet
68Kb / 5P
Hex Inverter Schmitt Trigger
logo
Texas Instruments
74ACT11014 TI1-74ACT11014 Datasheet
88Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
CD74AC14 TI1-CD74AC14_14 Datasheet
594Kb / 12P
Hex Schmitt-trigger inverter
SN74ALVC14 TI1-SN74ALVC14_15 Datasheet
686Kb / 17P
HEX SCHMITT-TRIGGER INVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com