Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G32G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHC1G32G-AF5-R
Description  SINGLE 2-INPUT POSITIVE-OR GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G32G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHC1G32G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G32G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G32G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G32G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G32G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHC1G32
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-297.E
SINGLE 2-INPUT POSITIVE-OR
GATE
DESCRIPTION
The UTC U74AHC1G32 is a single 2-input positive-or gate,
which provides the function Y=A+B in positive logic.
FEATURES
* Operate from 2V to 5.5V
* Max tPD of 6.5ns at 5 V
* Low Power Current: ICC=10μA(Max) @ TA=25°C
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHC1G32G-AE5-R
SOT-23-5
Tape Reel
U74AHC1G32G-AF5-R
SOT-25
Tape Reel
U74AHC1G32G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHC1G32G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC1G32G-AF5-R UTC-U74AHC1G32G-AF5-R Datasheet
185Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
U74AHC1G32G-AF5-R UTC-U74AHC1G32G-AF5-R Datasheet
207Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
More results

Similar Description - U74AHC1G32G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74AUP1G32 DIODES-74AUP1G32 Datasheet
188Kb / 11P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 1
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32_13 Datasheet
974Kb / 15P
SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
SINGLE 2 INPUT POSITIVE OR GATE
Rev 8
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com