Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7155CSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL7155CSZ
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7155CSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL7155CSZ Datasheet HTML 1Page - Intersil Corporation EL7155CSZ Datasheet HTML 2Page - Intersil Corporation EL7155CSZ Datasheet HTML 3Page - Intersil Corporation EL7155CSZ Datasheet HTML 4Page - Intersil Corporation EL7155CSZ Datasheet HTML 5Page - Intersil Corporation EL7155CSZ Datasheet HTML 6Page - Intersil Corporation EL7155CSZ Datasheet HTML 7Page - Intersil Corporation EL7155CSZ Datasheet HTML 8Page - Intersil Corporation EL7155CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EL7155
2
FN7279.3
October 24, 2014
Submit Document Feedback
Pin Configuration
EL7155
(8 LD SOIC)
TOP VIEW
Pin Descriptions
PIN
#
PIN
NAME
FUNCTION
EQUIVALENT CIRCUIT
1VS+
Positive Supply
Voltage
2OE
Output Enable
Circuit 1
3
IN
Input
Reference Circuit 1
4GND Ground
5
VL
Negative Supply
and Lower
Output Voltage
6OUTL Lower Switch
Output
Circuit 2
7
OUTH Upper Switch
Output
Circuit 3
8
VH
Upper Output
Voltage
1
2
3
4
8
7
6
5
L
O
G
I
C
VS+
OE
IN
GND
VH
OUTH
OUTL
VL
VS+
INPUT
VL
OUTL
VL
VS+
VH
OUTH
VL
VS+
VL
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
PACKAGE
(Pb-Free)
PKG.
DWG. #
EL7155CSZ
7155CSZ
8 Ld SOIC
M8.15E
EL7155CSZ-T7
(Note 3)
7155CSZ
8 Ld SOIC
M8.15E
EL7155CSZ-T7A
(Note 3)
7155CSZ
8 Ld SOIC
M8.15E
EL7155CSZ-T13
(Note 3)
7155CSZ
8 Ld SOIC
M8.15E
NOTE:
1. Intersil Pb-free plus anneal products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see product information
page for EL7155. For more information on MSL, please see tech brief
TB363.
3. Please refer to TB347 for details on reel specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com