Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APB3227SYKCGKC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APB3227SYKCGKC
Description  Wide viewing angle
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APB3227SYKCGKC Datasheet(HTML) 1 Page - Kingbright Corporation

  APB3227SYKCGKC Datasheet HTML 1Page - Kingbright Corporation APB3227SYKCGKC Datasheet HTML 2Page - Kingbright Corporation APB3227SYKCGKC Datasheet HTML 3Page - Kingbright Corporation APB3227SYKCGKC Datasheet HTML 4Page - Kingbright Corporation APB3227SYKCGKC Datasheet HTML 5Page - Kingbright Corporation APB3227SYKCGKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAJ1721
REV NO: V.4B
DATE: APR/25/2015
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203000784
3.2x2.7mm SURFACE MOUNT LED LAMP
Part Number: APB3227SYKCGKC
Super Bright Yellow
Green
Features
3.2mmx2.7mm SMT LED, 1.1mm thickness.
Bi -color, low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Package : 2000pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Descriptions
The Super Bright Yellow device is made with AlGaInP (on
GaAs substrate) light emitting diode chip.
The Green source color devices are made with AlGaInP
on GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APB3227SYKCGKC

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
APB3227SYKCGKC TO-GRACE-APB3227SYKCGKC Datasheet
928Kb / 4P
3.2 x 2.7 mm Surface Mount LED Lamp
More results

Similar Description - APB3227SYKCGKC

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502-930-2112 MARL-502-930-2112_15 Datasheet
380Kb / 4P
Wide viewing angle
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
Wide viewing angle
APHBM2012LSURKZGKC KINGBRIGHT-APHBM2012LSURKZGKC Datasheet
317Kb / 6P
Wide viewing angle
APHBM2012LVBDSYKJ3C KINGBRIGHT-APHBM2012LVBDSYKJ3C Datasheet
316Kb / 6P
Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
Wide viewing angle
APG0603SYC-TT KINGBRIGHT-APG0603SYC-TT Datasheet
242Kb / 5P
Wide viewing angle
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
Wide viewing angle
06-Jun-14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com