Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT3906 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBT3906
Description  PNP General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT3906 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBT3906 Datasheet HTML 1Page - Micro Commercial Components MMBT3906 Datasheet HTML 2Page - Micro Commercial Components MMBT3906 Datasheet HTML 3Page - Micro Commercial Components MMBT3906 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT3906
DC Current Gain vs Collector Current
hFE
IC (mA)
40
80
120
160
200
220
0.1
1
10
100
Base-Emitter ON Voltage vs
Collector Current
VBE(ON) - (V)
IC - (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
10
100
Collector-Emitter Saturation
Volatge vs Collector Current
Base-Emitter Saturation
Voltage vs Collector Current
VCE(SAT) - (V)
VBE(SAT) - (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.0
10
100
1000
IC - (mA)
IC - (mA)
Collector-Base Diode Reverse
Current vs Temperature
Common Base Open Circuit Input and
Output Capacitance vs Reverse Bias Voltage
ICBO - (mA)
TJ - (
°C)
Volts - (V)
pF
0.1
1.0
10
100
0
25
50
75
100
125
150
VCB = 20V
0
2
4
6
8
1.0
0.1
1.0
10
COBO
CIBO
TA = 25
°C
TO-92
IC/IB = 10
TA = 25
°C
IC/IB = 10
TA = 25
°C
VCE = 1.0V
VCE = 5.0V
TA = 25
°C
TA = 100
°C
www.mccsemi.com
MCC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com