Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC240G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC240G-P20-R
Description  OCTAL BUFFERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC240G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC240G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC240G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC240G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC240G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC240G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74HC240G-P20-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U74HC240
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-498.B
SWITCHING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=2V
50
100
VCC=4.5V
10
20
CL=50pF,
RL=1kΩ
VCC=6V
9
17
ns
VCC=2V
75
150
VCC=4.5V
15
30
Propagation delay from input A to
output Y, tpd
tPLH / tPHL
CL=150pF,
RL=1kΩ
VCC=6V
13
26
ns
VCC=2V
75
150
VCC=4.5V
15
30
CL=50pF,
RL=1kΩ
VCC=6V
13
26
ns
VCC=2V
100
200
VCC=4.5V
20
40
Output enable time from input OE to
output Y, ten
tPZH / tPZL
CL=150pF,
RL=1kΩ
VCC=6V
17
34
ns
VCC=2V
44
150
VCC=4.5V
22
30
Output disable time from input OE to
output Y, tdis
tPHZ / tPLZ
CL=50pF,
RL=1kΩ
VCC=6V
21
26
ns
VCC=2V
28
60
VCC=4.5V
8
12
CL=50pF,
RL=1kΩ
VCC=6V
6
10
ns
VCC=2V
45
210
VCC=4.5V
17
42
Propagation of rise or fall, tt
tr / tf
CL=150pF,
RL=1kΩ
VCC=6V
13
36
ns
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power dissipation capacitance per
buffer/driver
Cpd
No load
35
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com