Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC373G-S20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC373G-S20-R
Description  OCTAL BUFFER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC373G-S20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC373G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC373G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC373G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC373G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC373G-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC244
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-196.D
OCTAL BUFFER AND LINE
DRIVER WITH 3-STATE OUTPUT
DESCRIPTION
The U74HC244 are octal buffer and line drivers with non-inverting
3-state outputs. When n OE is High, the outputs nQ will be in the high
impedance.
FEATURES
* Operation voltage range: 2~6V
* 3-state output
* Output Drive Capability: 15 LSTTL Loads
SOP-20
SSOP-20
TSSOP-20
DIP-20
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HC244L-D20-T
U74HC373G-D20-T
DIP-20
Tube
-
U74HC373G-S20-R
SOP-20
Tape Reel
U74HC373G-R20-R
SSOP-20
Tape Reel
-
U74HC373G-P20-R
TSSOP-20
Tape Reel
MARKING
DIP-20
SOP-20 / SSOP-20 / TSSOP-20


Similar Part No. - U74HC373G-S20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC373G-S20-R UTC-U74HC373G-S20-R Datasheet
214Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH
U74HC373G-S20-R UTC-U74HC373G-S20-R Datasheet
269Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH
More results

Similar Description - U74HC373G-S20-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
Octal Bus Buffer
logo
ON Semiconductor
MC74VHCT541A ONSEMI-MC74VHCT541A Datasheet
159Kb / 6P
Octal Bus Buffer
1997 REV 0
logo
Motorola, Inc
MC74VHCT541A MOTOROLA-MC74VHCT541A Datasheet
159Kb / 6P
Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Toshiba Semiconductor
TC7MH240FK TOSHIBA-TC7MH240FK_07 Datasheet
194Kb / 8P
Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_13 Datasheet
140Kb / 7P
Octal Bus Buffer
March, 2013 ??Rev. 9
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com