Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC245G-R20-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC245G-R20-R
Description  OCTAL BUS TRANSCEIVERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC245G-R20-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC245G-R20-R Datasheet HTML 1Page - Unisonic Technologies U74HC245G-R20-R Datasheet HTML 2Page - Unisonic Technologies U74HC245G-R20-R Datasheet HTML 3Page - Unisonic Technologies U74HC245G-R20-R Datasheet HTML 4Page - Unisonic Technologies U74HC245G-R20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-639.E
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7.0
V
Input Clamp Current (ViN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0)
IOK
±20
mA
Output Current
IOUT
±35
mA
VCC or GND Current
ICC
±70
mA
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
DIP-20
θJA
52
°C/W
SOP-20
80
°C/W
SSOP-20
96
°C/W
TSSOP-20
103
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Supply Voltage
VCC
2
5
6
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
tR
VCC =2V
1000
ns
VCC =4.5V
500
ns
VCC =6V
400
ns
Operating Temperature
TOPR
-40
85
°C
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
High-level input voltage
VIH
VCC=2V
1.5
V
VCC=4.5V
3.15
V
VCC=6V
4.2
V
Low-lever output voltage
VIL
VCC=2V
0.5
V
VCC=4.5V
1.35
V
VCC=6V
1.8
V
High-Level Output Voltage
VOH
VCC=2V, IOH=-20μA
1.9 1.998
V
VCC=4.5V, IOH=-20μA
4.4 4.499
V
VCC=6V, IOH=-20μA
5.9 5.999
V
VCC=4.5V, IOH=-6mA
3.98
4.3
V
VCC=6V, IOH=-7.8mA
5.48
5.8
V
Low-Level Output Voltage
VOL
VCC=2V, IOL=20μA
0.002 0.1
V
VCC=4.5V, IOL=20μA
0.001 0.1
V
VCC=6V, IOL=20μA
0.001 0.1
V
VCC=4.5V, IOH=6mA
0.17 0.26
V
VCC=6V, IOL=7.8mA
0.15 0.26
V
Input Current of DIR or OE
II(LEAK)
VCC=6V, VIN=VCC or GND
±0.1 ±100
nA
Output OFF-state current
IOZ
VCC=6V, VOUT=VCC or GND
±0.01 ±0.5
μA
Quiescent Supply Current
IQ
VCC=6V, VIN=VCC or GND, IOUT=0
8
μA
Input Capacitance of DIR or OE
CIN
VCC=6V, VIN=VCC or GND
3
10
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com