Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC374G-S20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC374G-S20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC374G-S20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC374G-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC374G-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC374G-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC374G-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC374G-S20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC374
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-347.B
SWITCHING CHARACTERISTICS (See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=2V
63
180
ns
VCC=4.5V
17
36
ns
CL =50pF
VCC=6V
15
31
ns
VCC=2V
80
230
ns
VCC=4.5V
22
46
ns
From CLK to Q
tPLH/tPHL
CL =150 pF
VCC=6V
19
39
ns
VCC=2V
60
150
ns
VCC=4.5V
16
30
ns
CL =50pF
VCC=6V
14
26
ns
VCC=2V
70
200
ns
VCC=4.5V
25
40
ns
From OE to Q
tPZL/tPZH
CL =150 pF
VCC=6V
22
34
ns
VCC=2V
36
150
ns
VCC=4.5V
17
30
ns
From OE to Q
tPLZ/tPHZ
CL =50pF
VCC=6V
16
26
ns
VCC=2V
28
60
ns
VCC=4.5V
8
12
ns
CL =50pF
VCC=6V
6
10
ns
VCC=2V
45
210
ns
VCC=4.5V
17
42
ns
Any Q
tT
CL =150 pF
VCC=6V
13
36
ns
VCC=2V
6
12
MHz
VCC=4.5V
30
60
MHz
CL =50pF
VCC=6V
35
70
MHz
VCC=2V
6
12
MHz
VCC=4.5V
30
60
MHz
Maximum Clock Frequency
fMAX
CL =150pF
VCC=6V
35
70
MHz
VCC=2V
6
MHz
VCC=4.5V
30
MHz
Clock Frequency
fCLOCK
VCC=6V
35
MHz
VCC=2V
80
ns
VCC=4.5V
16
ns
Pulse Width
tW
VCC=6V
14
ns
VCC=2V
100
ns
VCC=4.5V
20
ns
Setup Time
tSU
VCC=6V
17
ns
VCC=2V
10
ns
VCC=4.5V
5
ns
Hold Time
th
VCC=6V
5
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
No load
100
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com