Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC574G-P20-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC574G-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC574G-P20-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC574G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74HC574G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74HC574G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74HC574G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74HC574G-P20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC574
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-268.C
OCTAL EDGE-TRIGGERED
D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
DESCRIPTION
The U74HC574 is a octal edge-triggered D-type flip-flops with
3-state outputs, and it has 8 channels.
FEATURES
* Operate from 2V to 6V
* Max tpd of 66ns at 4.5 V
* Typical VOL< 0.17V at VCC=4.5V, TA=25°C
* Typical VOH> 4.3V at VCC=4.5V, TA=25°C
SOP-20
SSOP-20
TSSOP-20
DIP-20
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74HC574L-D20-T
U74HC574G-D20-T
DIP-20
Tube
-
U74HC574G-S20-R
SOP-20
Tape Reel
-
U74HC574G-R20-R
SSOP-20
Tape Reel
-
U74HC574G-P20-R
TSSOP-20
Tape Reel
MARKING
DIP-20
SOP-20 / SSOP-20 / TSSOP-20


Similar Part No. - U74HC574G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC574G-P20-R UTC-U74HC574G-P20-R Datasheet
218Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - U74HC574G-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74AHC574 UTC-U74AHC574_15 Datasheet
240Kb / 7P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com