Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HC4046AG-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HC4046AG-S16-R
Description  PHASE LOCKED LOOP WITH VCO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC4046AG-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HC4046AG-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 7Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 8Page - Unisonic Technologies U74HC4046AG-S16-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HC4046A
CMOS IC
www.unisonic.com.tw
1 of 19
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-461.C
PHASE LOCKED LOOP WITH VCO
DESCRIPTION
The U74HC4046A is a phase-locked-loop circuit including a linear
voltage-controlled oscillator (VCO), three different phase comparators
(PC1, PC2 and PC3), a common signal input amplifier and a common
comparator input.
The signal can be directly coupled to large voltage signals or with a
series capacitor coupled to small voltage signals. Small voltage signals
can be kept within the linear region of the input amplifiers with a self-bias
input circuit. The U74HC4046A and a passive low-pass filter form a
second-order loop PLL. With a linear op-amp, the VCO achieves excellent
linearity.
The VCO requires an external capacitor and resistor. R1 (between R1
and GND) and capacitor C1 (between C1A and C1B) determine the
frequency range of the VCO. R2 (between R2 and GND) enables the
VCO to have a frequency offset if required.
SOP-16
TSSOP-16
For the high input impedance of the VCO, the design of low-pass filters is simplified, and the designer has a wide
choice of resistor/capacitor ranges. At pin 10 (DEMOUT), a demodulator output of the VCO input voltage is provided in
order not to load the low-pass filter. In conventional techniques, the DEMOUT voltage is one threshold voltage lower
than the VCO input voltage, but the DEMOUT voltage of U74HC4046 equals the VCO input voltage. When DEMOUT is
used, a load resistor (RS) should be connected from DEMOUT to GND; but if unused, DEMOUT should be left open.
The VCO output (VCOOUT) can be connected directly or via a frequency-divider to the comparator input (COMPIN). If
the VCO input is held at a constant DC level, the VCO output signal has a duty factor of 50% (maximum expected
deviation 1%). A LOW level at the inhibit input (INH) enables the VCO and demodulator, while a HIGH level turns
both off to minimize standby power consumption.
FEATURES
* Low Power Consumption
* Operating Power Supply Voltage Range: Digital Section 2.0 to 6.0 V
VCO Section 3.0 to 6.0 V
* Up to 17 MHz (typ.) Centre Frequency at VCC = 4.5 V
* Excellent VCO Frequency Linearity
* VCO-Inhibit Control For ON/OFF Keying and for Low Standby Power Consumption
* Minimal Frequency Drift
* Three Phase Comparators:
EXCLUSIVE-OR;
Edge-Triggered JK Flip-Flop;
Edge-Triggered RS Flip-Flop
* Zero Voltage Offset due to OP-Amp Buffering
* Standard Output Capability
* MSI ICC Category


Similar Part No. - U74HC4046AG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC4046AG-S16-R UTC-U74HC4046AG-S16-R Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HC4046AG-S16-R UTC-U74HC4046AG-S16-R Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
More results

Similar Description - U74HC4046AG-S16-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
PHASE LOCKED LOOP WITH VCO
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
Phase-locked loop with VCO
Rev. 1 - 27 November 2019
74HCT4046A NEXPERIA-74HCT4046A Datasheet
671Kb / 36P
Phase-locked loop with VCO
Rev. 4 - 6 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com