Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT00L-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT00L-S14-R
Description  QUADRUPLE 2-INPUT NAND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT00L-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT00L-S14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT00L-S14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT00L-S14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT00L-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT00
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R502-175.A
QUADRUPLE 2-INPUT NAND
GATE
DESCRIPTION
The U74HCT00 is a Quadruple 2-input NAND gate which provides
the Function
Y=A*B .
FEATURES
* Operation voltage range: 4.5~5.5V
* Low power dissipation:
ICC=20µA(Max)
* High speed:
tpd=10ns(Typ)
*±4mA output drive at 5V
* Input are TTL-voltage compatible
*Pb-free plating product number:
U74HCT00L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
U74HCT00-S14-R
U74HCT00L-S14-R
SOP-14
Tape Reel
U74HCT00-S14-T
U74HCT00L-S14-T
SOP-14
Tube
U74HCT00L-S14-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) S14: SOP-14
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - U74HCT00L-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT00L-S14-R UTC-U74HCT00L-S14-R Datasheet
118Kb / 4P
QUADRUPLE 2-INPUT NAND GATE
More results

Similar Description - U74HCT00L-S14-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4011B PHILIPS-HEF4011B Datasheet
25Kb / 3P
Quadruple 2-input NAND gate
January 1995
HEF4011UB PHILIPS-HEF4011UB Datasheet
134Kb / 8P
Quadruple 2-input NAND gate
January 1995
logo
Texas Instruments
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Hitachi Semiconductor
HD14011B HITACHI-HD14011B Datasheet
61Kb / 6P
Quadruple 2-input NAND Gate
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Unisonic Technologies
U74HCT00 UTC-U74HCT00 Datasheet
118Kb / 4P
QUADRUPLE 2-INPUT NAND GATE
U74LV00 UTC-U74LV00 Datasheet
196Kb / 5P
QUADRUPLE 2-INPUT NAND GATE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com