Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA13 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MPSA13
Description  NPN Silicon Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSA13 Datasheet(HTML) 3 Page - Micro Commercial Components

  MPSA13 Datasheet HTML 1Page - Micro Commercial Components MPSA13 Datasheet HTML 2Page - Micro Commercial Components MPSA13 Datasheet HTML 3Page - Micro Commercial Components MPSA13 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Figure 6. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
5.0
7.0
10
20
3.0
Figure 7. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 9. Collector Saturation Region
IB, BASE CURRENT (µA)
2.0
200k
5.0
0.04
4.0
2.0
1.0
0.8
0.6
0.4
0.2
TJ = 25°C
1.5
2.0
2.5
3.0
1.0
0.5
0.1
0.2
0.4
1.0 2.0
4.0
10
20
40
Cibo
Cobo
0.5
1.0
2.0
0.5
10
20
50
100 200
500
VCE = 5.0 V
f = 100 MHz
TJ = 25°C
100k
70k
50k
30k
20k
10k
7.0k
5.0k
3.0k
2.0k
7.0 10
20
30
50 70 100
200 300
500
TJ = 125°C
25°C
-55°C
VCE = 5.0 V
0.1 0.2 0.5 1.0 2.0
5.0 10 20 50 100 200 500 1000
TJ = 25°C
IC = 10 mA 50 mA
250 mA 500 mA
Figure 10. “On” Voltages
IC, COLLECTOR CURRENT (mA)
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.6
5.0
-1.0
1.4
1.2
1.0
0.8
0.6
7.0
10
20 30
50 70 100 200 300
500
VBE(sat) @ IC/IB = 1000
TJ = 25°C
VBE(on) @ VCE = 5.0 V
VCE(sat) @ IC/IB = 1000
-2.0
-3.0
-4.0
-5.0
-6.0
5.0 7.0 10
20 30
50 70 100
200 300
500
25°C TO 125°C
-55°C TO 25°C
*RqVC FOR VCE(sat)
qVB FOR VBE
25°C TO 125°C
-55°C TO 25°C
*APPLIES FOR IC/IB ≤ hFE/3.0
MCC
www.mccsemi.com
MPSA13 thru MPSA14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com