Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74HCT14G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74HCT14G-P14-R
Description  HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HCT14G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74HCT14G-P14-R Datasheet HTML 1Page - Unisonic Technologies U74HCT14G-P14-R Datasheet HTML 2Page - Unisonic Technologies U74HCT14G-P14-R Datasheet HTML 3Page - Unisonic Technologies U74HCT14G-P14-R Datasheet HTML 4Page - Unisonic Technologies U74HCT14G-P14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74HCT14
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-090.C
HIGH-SPEED CMOS LOGIC
HEX INVERTING SCHMITT
TRIGGER
DESCRIPTION
The UTC U74HCT14 each contain six inverting schmitt triggers
in one package. Each of them perform the Boolean function Y= A
FEATURES
* Widely range of input rise and fall time
* high noise immunity
* Fan-out parameters(over temperature range)
up to 10 LSTTL Loads
* Low power consumption
* Wide range operation 4.5V ~ 5.5V
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
U74HCT14L-D14-T
U74HCT14G-D14-T
DIP-14
Tube
-
U74HCT14G-S14-R
SOP-14
Tape Reel
-
U74HCT14G-P14-R
TSSOP-14
Tape Reel
MARKING
DIP-14
SOP-14 / TSSOP-14


Similar Part No. - U74HCT14G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14-D14-T UTC-U74HCT14-D14-T Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14-S14-R UTC-U74HCT14-S14-R Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14-S14-T UTC-U74HCT14-S14-T Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14L-D14-T UTC-U74HCT14L-D14-T Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
More results

Similar Description - U74HCT14G-P14-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
High-Speed Cmos Logic Hex Inverting Schmitt Trigger
logo
Texas Instruments
CD54HC14 TI1-CD54HC14_15 Datasheet
692Kb / 17P
High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com