Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G00L-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G00L-AE5-R
Description  SINGLE 2-INPUT NAND GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G00L-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G00L-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G00L-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G00L-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G00L-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G00L-AE5-R Datasheet HTML 5Page - Unisonic Technologies U74LVC1G00L-AE5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G00
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-401.C
SINGLE 2-INPUT NAND GATE
DESCRIPTION
The U74LVC1G00 is a 2-input NAND gate device which provides
the Function
Y=A B or
Y=A B in positive logic.
This device has power-down protective circuit preventing device
from destruction when it is powered down.
FEATURES
* Op erate From 1.65V to 5.5V
* Inputs Accept Voltages To 5.5V
* High Noise Immunity
* Low Power Dissipation
* Max tPD of 3.8 ns at 3.3V
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC1G00L-AE5-R
U74LVC1G00G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G00L-AF5-R
U74LVC1G00G-AF5-R
SOT-25
Tape Reel
U74LVC1G00L-AL5-R
U74LVC1G00G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G00L-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G00L-AE5-R UTC-U74LVC1G00L-AE5-R Datasheet
219Kb / 6P
SINGLE 2-INPUT NAND GATE
More results

Similar Description - U74LVC1G00L-AE5-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
Single 2-input NAND gate
logo
NXP Semiconductors
74AUC1G00 PHILIPS-74AUC1G00 Datasheet
50Kb / 12P
Single 2-input NAND gate
2002 Nov 12
logo
ON Semiconductor
MC74HC1G00 ONSEMI-MC74HC1G00 Datasheet
62Kb / 6P
Single 2-Input NAND Gate
January, 2005 ??Rev. 9
logo
STMicroelectronics
74V1T00 STMICROELECTRONICS-74V1T00_04 Datasheet
108Kb / 9P
SINGLE 2-INPUT NAND GATE
Apr-2004
logo
ON Semiconductor
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
Single 2-Input NAND Gate
April, 2008 ??Rev. 0
MC74HC1G00 ONSEMI-MC74HC1G00_18 Datasheet
172Kb / 9P
Single 2-Input NAND Gate
November, 2018 ??Rev. 12
MC74VHC1G01 ONSEMI-MC74VHC1G01_18 Datasheet
206Kb / 14P
Single 2-Input NAND Gate
November, 2018 ??Rev. 17
MC74VHC1G00 ONSEMI-MC74VHC1G00_V01 Datasheet
182Kb / 14P
Single 2-Input NAND Gate
March, 2022 ??Rev. 26
logo
Nexperia B.V. All right...
74LVC1G00 NEXPERIA-74LVC1G00 Datasheet
256Kb / 16P
Single 2-input NAND gate
Rev. 13 - 8 February 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com