Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G04G-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G04G-AE5-R
Description  SINGLE INVERTER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G04G-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G04G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G04G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G04G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G04G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G04G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G04
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-181.E
SINGLE INVERTER GATE
DESCRIPTION
The UTC U74LVC1G04 is a single inverter gate, it provides the
function
A
=
Y
.
This device has power-down protective circuit, preventing
device destruction when it is powered down.
FEATURES
* Operation voltage range: 1.65~5.5V
* Low power current:
ICC=10μA(Max)
* 24mA output drive (VCC=3.3V)
* High noise immunity
* Power down protection
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G04G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G04G-AF5-R
SOT-25
Tape Reel
U74LVC1G04G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G04G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G04G-AE5-R UTC-U74LVC1G04G-AE5-R Datasheet
162Kb / 5P
SINGLE INVERTER GATE
U74LVC1G04G-AE5-R UTC-U74LVC1G04G-AE5-R Datasheet
186Kb / 5P
SINGLE INVERTER GATE
More results

Similar Description - U74LVC1G04G-AE5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74AHC1G04 UTC-U74AHC1G04_15 Datasheet
198Kb / 5P
SINGLE INVERTER GATE
U74AHCT1G04 UTC-U74AHCT1G04_15 Datasheet
211Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com