Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G08G-AE5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G08G-AE5-R
Description  2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G08G-AE5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G08G-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G08G-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-223.H
STATIC CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.65V ~ 5.5V, IOL=100μA
0.1
VCC =1.65V, IOL=4mA
0.45
VCC =2.3V, IOL=8mA
0.3
IOL=16mA
0.4
VCC =3.0V
IOL=24mA
0.55
Low-Level Output Voltage
VOL
VCC =4.5V, IOL=32mA
0.55
V
Input Leakage Current
II(LEAK)
VCC =0V ~ 5.5V, VIN=5.5V or GND
±5
μA
Power OFF Leakage Current
IOFF
VCC =0V, VIN or VOUT=5.5V
±10
μA
Quiescent Supply Current
IQ
VCC =1.65V~5.5V, VIN=5.5V or
GND IOUT=0
10
μA
Additional Quiescent Supply
Current
IQ
VCC=3V~5.5V,One input at
VCC-0.6V, other inputs at VCC or
GND
500
μA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
4
pF
DYNAMIC CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V±0.15V
1.5
7.2
ns
VCC=2.5V±0.2V
0.7
4.4
ns
VCC=3.3V±0.3V
0.8
3.6
ns
CL=15pF
VCC=5V±0.5V
0.8
3.4
ns
VCC=1.8V±0.15V
2.4
8
ns
VCC=2.5V±0.2V
1.1
5.5
ns
VCC=3.3V±0.3V
1
4.5
ns
Propagation delay from input
(A or B) to output(Y)
tPLH/tPHL
CL=30 or
50pF
VCC=5V±0.5V
1
4
ns
OPERATING CHARACTERISTICS (f=10MHz, TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
21
pF
VCC=2.5V
24
pF
VCC=3.3V
26
pF
Power Dissipation
Capacitance
CPD
VCC=5V
31
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com