Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G07G-AL5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G07G-AL5-R
Description  BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G07G-AL5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G07G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G07G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G07
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-215.F
BUFFER/DRIVER WITH
OPEN-DRAIN OUTPUT
DESCRIPTION
The U74LVC1G07 is a single Buffer/Driver with open-drain
output. This device has power-down protective circuit, preventing
device destruction when it is powered down.
FEATURES
* Inputs and open-drain output accept voltage up to 5.5V
* Low power Current: ICC=10μA(Max)
*±24mA output drive(VCC=3.3V)
* Power down protection
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G07G-AE5-R
SOT-23-5
Tape Reel
U74LVC1G07G-AF5-R
SOT-25
Tape Reel
U74LVC1G07G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G07G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G07G-AL5-R UTC-U74LVC1G07G-AL5-R Datasheet
160Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
U74LVC1G07G-AL5-R UTC-U74LVC1G07G-AL5-R Datasheet
182Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Similar Description - U74LVC1G07G-AL5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC07 TI-SN74AUC07 Datasheet
246Kb / 8P
HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07 Datasheet
160Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Unisonic Technologies
U74LVC1G07 UTC-U74LVC1G07_V01 Datasheet
182Kb / 5P
BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com