Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G08G-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G08G-AL5-R
Description  2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G08G-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G08G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G08G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G08G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G08G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G08G-AL5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-223.H
ABSOLUTE MAXIMUM RATING (TA=25°С, unless otherwise specified) (Note 2)
PARAMETER
SYMBOL
TEST CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Output in the high or low state
-0.5~VCC+0.5
V
Output Voltage
VOUT
Output in the power-off state
-0.5~6.5
V
Continuous VCC or GND
Current
ICC
±100
mA
Continuous Output Current
IOUT
±50
mA
Input Clamp Current
IIK
VIN<0
-50
mA
Output Clamp Current
IOK
VOUT<0
-50
mA
Storage Temperature Range
TSTG
-65 ~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-23-5
280
°C/W
SOT-25
230
°C/W
SOT-353
350
°C/W
Junction to Ambient
DFN-6(1.0×1.0)
θJA
250
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating
1.65
5.5
V
Supply Voltage
VCC
Data retention only
1.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
High or low state
0
VCC
V
VCC=1.8V±0.15V
VCC=2.5V±0.2V
32
ns/V
VCC=3.3V±0.3V
20
ns/V
Input Transition Rise or Fall Rate
t/v
VCC=5V±0.5V
10
ns/V
Operating Temperature
TA
-40
125
°C
STATIC CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.65V~1.95V
0.65×VCC
VCC =2.3V~2.7V
1.7
VCC =3.0V~3.6V
2
High-Level Input Voltage
VIH
VCC =4.5V~5.5V
0.7×VCC
V
VCC =1.65V~1.95V
0.35×VCC
VCC =2.3V~2.7V
0.7
VCC =3.0V~3.6V
0.8
Low-Level Input Voltage
VIL
VCC =4.5V~5.5V
0.3×VCC
V
VCC =1.65V ~ 5.5V, IOH=-100μA
VCC-0.1
VCC =1.65V, IOH=-4mA
1.2
VCC =2.3V, IOH=-8mA
1.9
IOH=-16mA
2.4
VCC =3.0V
IOH=-24mA
2.3
High-Level Output Voltage
VOH
VCC =4.5V, IOH=-32mA
3.8
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com