Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G14G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC1G14G-AF5-R
Description  SINGLE SCHMITT-TRIGGER INVERTER GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G14G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC1G14G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G14G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G14G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G14G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G14G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC1G14
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-081.H
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =1.65V ~ 5.5V, IOH=-100μA
VCC-0.1
V
VCC =1.65V, IOH=-4mA
1.2
1.54
V
VCC =2.3V, IOH=-8mA
1.9
2.15
V
IOH=-12mA
2.2
2.50
V
VCC =3.0V
IOH=-24mA
2.3
2.62
V
High-Level Output Voltage
VOH
VCC =4.5V, IOH=-32mA
3.8
4.11
V
VCC =1.65V ~ 5.5V, IOL=100μA
0.1
V
VCC =1.65V, IOL=4mA
0.07
0.45
V
VCC =2.3V, IOL=8mA
0.12
0.3
V
IOH=-12mA
0.17
0.4
V
VCC =3.0V
IOH=-24mA
0.33
0.55
V
Low-Level Output Voltage
VOL
VCC =4.5V, IOL=32mA
0.39
0.55
V
Input Leakage Current
II(LEAK)
VCC =0V ~ 5.5V, VIN=VCC or GND
±0.1
±5
μA
Power OFF Leakage Current
IOFF
VCC =0V, VIN or VCC=5.5V
±0.1
±10
μA
Quiescent Supply Current
IQ
VCC =1.65V ~ 5.5V, VIN=5.5V or GND,
IOUT=0
0.1
10
μA
Additional Quiescent Supply
Current
△
IQ
VCC=2.3~5.5V, One input at VCC-0.6V,
other inputs at VCC or GND
5
500
μA
Input Capacitance
CIN
VCC =3.3V, VIN=VCC or GND
5
pF
DYNAMIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.65~1.95V, CL=30pF, RL=1kΩ
1.0
4.1
11
ns
VCC=2.3~2.7V, CL=30pF, RL=500Ω
0.7
2.8
6.5
ns
VCC=2.7V, CL=50pF, RL=500Ω
0.7
3.2
6.5
ns
VCC=3.0~3.6V, CL=50pF, RL=500Ω
0.7
3.0
5.5
ns
Propagation delay from input
(A or B) to output(Y)
tPLH / tPHL
VCC=4.5~5.5V, CL=50pF, RL=500Ω
0.7
2.2
5.0
ns
OPERATING CHARACTERISTICS (f=10MHz, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
VCC=3.3V, VIN= GND to VCC
15.4
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com