Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G125G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC1G125G-AF5-R
Description  BUS BUFFER/LINE DRIVER 3-STATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G125G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC1G125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G125G-AF5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74LVC1G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-408.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +6.5
V
Input Voltage
VIN
-0.5 ~ +6.5
V
Enable mode
-0.5 ~ VCC + 0.5
V
Disable mode
-0.5 ~ +6.5
V
Output Voltage
Power-down mode
VOUT
-0.5 ~ +6.5
V
VCC or GND Current
ICC
±100
mA
Continuous Output Current (VOUT=0 to VCC)
IOUT
±50
mA
Input Clamp Current (VIN<0)
IIK
-50
mA
Output Clamp Current (VOUT>VCC or VOUT<0)
IOK
±50
mA
SOT-23-5
300
SOT-25
360
Power Dissipation
(TA=-40°C ~ +125°C)
SOT-353
PD
250
mW
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
Input Voltage
VIN
0
5.5
V
VCC=1.65V ~ 5.5V; Enable mode
0
VCC
V
VCC=1.65V ~ 5.5V; Disable mode
0
5.5
V
Output Voltage
VOUT
VCC=0V; Power-down mode
0
5.5
V
VCC=1.65V ~ 2.7V
20
ns/V
Input Transition Rise or Fall
Rate
tR/tF
VCC=2.7V ~ 5.5V
10
ns/V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com