Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC1G126-AE5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC1G126-AE5-R
Description  BUS BUFFER/LINE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC1G126-AE5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC1G126-AE5-R Datasheet HTML 1Page - Unisonic Technologies U74LVC1G126-AE5-R Datasheet HTML 2Page - Unisonic Technologies U74LVC1G126-AE5-R Datasheet HTML 3Page - Unisonic Technologies U74LVC1G126-AE5-R Datasheet HTML 4Page - Unisonic Technologies U74LVC1G126-AE5-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC1G126
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015Unisonic Technologies Co., Ltd
QW-R502-398.D
BUS BUFFER/LINE DRIVER;
3-STATE
DESCRIPTION
The U74LVC1G126 is single bus buffer/line driver with 3-state
output. The output is disabled When the output enable (OE) is low.
When OE is high, true data is will pass A input to the Y output.
This device has power-down protective circuit preventing device
from destruction when it is powered down.
FEATURES
* Operate From 1.65V to 5.5V
* Inputs Accept Voltages to 5.5V
* High Noise Immunity
* Low Power Dissipation
* Direct Interface With TTL level
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC1G126-AE5-R
SOT-23-5
Tape Reel
U74LVC1G126-AF5-R
SOT-25
Tape Reel
U74LVC1G126-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74LVC1G126-AE5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC1G126 UTC-U74LVC1G126 Datasheet
186Kb / 5P
BUS BUFFER/LINE DRIVER; 3-STATE
U74LVC1G126 UTC-U74LVC1G126 Datasheet
211Kb / 5P
BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G126G-AE5-R UTC-U74LVC1G126G-AE5-R Datasheet
186Kb / 5P
BUS BUFFER/LINE DRIVER; 3-STATE
U74LVC1G126G-AE5-R UTC-U74LVC1G126G-AE5-R Datasheet
211Kb / 5P
BUS BUFFER/LINE DRIVER 3-STATE
U74LVC1G126G-AF5-R UTC-U74LVC1G126G-AF5-R Datasheet
186Kb / 5P
BUS BUFFER/LINE DRIVER; 3-STATE
More results

Similar Description - U74LVC1G126-AE5-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240 Datasheet
173Kb / 6P
Octal Bus Buffer/Line Driver
1997 REV 0
MC74VHCT240A ONSEMI-MC74VHCT240A Datasheet
168Kb / 6P
Octal Bus Buffer/Line Driver
1997 REV 0
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
Bus buffer/line driver; 3-state
2002 Jun 06
74HC1G126 PHILIPS-74HC1G126 Datasheet
430Kb / 12P
Bus buffer/line driver; 3-state
2002 May 15
74HC1G126 PHILIPS-74HC1G126 Datasheet
78Kb / 16P
Bus buffer/line driver; 3-state
2002 May 15
74AHC1G126 NXP-74AHC1G126 Datasheet
103Kb / 16P
Bus buffer/line driver; 3-state
Rev. 07-17 June 2009
logo
ON Semiconductor
MC74VHCT240A ONSEMI-MC74VHCT240A_15 Datasheet
99Kb / 6P
Octal Bus Buffer/Line Driver
October, 2014 ??Rev. 7
MC74VHC245 ONSEMI-MC74VHC245_11 Datasheet
136Kb / 8P
Octal Bus Buffer/Line Driver
May, 2011 ??Rev. 6
logo
Nexperia B.V. All right...
74LVC2G126-Q100 NEXPERIA-74LVC2G126-Q100 Datasheet
212Kb / 12P
Bus buffer/line driver; 3-state
74LVC1G126-Q100 NEXPERIA-74LVC1G126-Q100 Datasheet
217Kb / 13P
Bus buffer/line driver 3-state
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com