Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G17L-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC2G17L-AL6-R
Description  DUAL SCHMITT-TRIGGER INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G17L-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC2G17L-AL6-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G17L-AL6-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G17L-AL6-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G17L-AL6-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G17L-AL6-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC2G17
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-356.B
ELECTRICAL CHARACTERISTICS (VCC=3.3V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
High-Level Output Voltage
VOH
VCC = 1.65V~5.5V, IOH =-100μA
VCC
-0.1
V
VCC =1.65V, IOH =-4mA
1.20
V
VCC =2.3V, IOH =-8mA
1.90
V
VCC = 3.0V, IOH =-16mA
2.40
V
VCC = 3.0V, IOH =-24mA
2.30
V
VCC = 4.5V, IOH =-32mA
3.80
V
Low-Level Output Voltage
VOL
VCC = 1.65~5.5V, IOl =100μA
0.10
V
VCC = 1.65V, IOl =4mA
0.45
V
VCC = 2.3V, IOl =8mA
0.30
V
VCC = 3.0V. IOl =16mA
0.40
V
VCC = 3.0V, IOl =24mA
0.55
V
VCC = 4.5V, IOl =32mA
0.55
V
Input Leakage Current
II(LEAK)
VIN =0 to 5.5V, VCC = 0~5.5V
±5
μA
Power OFF Leakage Current
IOFF
VIN or VOUT=5.5V, VCC = 0
±10
μA
Quiescent Supply Current
ICC
VIN = VCC or GND, IOUT =0
VCC =1.65~5.5 V
10
μA
Additional Quiescent Supply
Current
∆ICC
One input at VCC -0.6V
Other inputs at VCC or GND,
IOUT =0, VCC =3~5.5 V
500
μA
Input Capacitance
CI
VIN = VCC or GND,VCC = 3.3 V
4
pF
SWITCHING CHARACTERISTICS (see TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation delay nA to nY
tPLH
tPHL
VCC =1.8V±0.15V, CL=30pF, RL=1KΩ
3.9
9.3
ns
VCC=2.5V±0.2V, CL=30pF, RL=500Ω
1.9
5.7
ns
VCC=3.3V±0.3V, CL=50pF, RL=500Ω
2.2
5.4
ns
VCC=5V±0.5V , CL=50pF, RL=500Ω
1.5
4.3
ns
OPERATING CHARACTERISTICS (Ta=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Power Dissipation Capacitance
Cpd
VCC=5V, f=10MHz
21
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com