Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G66G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74LVC2G66G-S08-R
Description  DUAL BILATERAL ANALOG SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G66G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74LVC2G66G-S08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 7Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 8Page - Unisonic Technologies U74LVC2G66G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
U74LVC2G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R502-432.J
ANALOG SWITCHING CHARACTERISTICS (TA =25°C) (Note)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 1.65 V
35
VCC = 2.3 V
120
VCC = 3 V
175
CL = 50 pF, RL = 600 Ω,
fIN = sine wave
(see Fig.4)
VCC = 4.5 V
195
VCC = 1.65 V
>300
VCC = 2.3 V
>300
VCC = 3 V
>300
Frequency Response (Switch
On)
From Input (A or B) to Output
(B or A)
fMAX
CL = 5 pF, RL = 50 Ω,
fIN = sine wave
(see Fig.4)
VCC = 4.5 V
>300
MHz
VCC = 1.65 V
-58
VCC = 2.3 V
-58
VCC = 3 V
-58
CL = 50 pF, RL = 600 Ω,
fIN = 1 MHz (sine wave)
(see Fig.6)
VCC = 4.5 V
-58
VCC = 1.65 V
-42
VCC = 2.3 V
-42
VCC = 3 V
-42
Crosstalk (Note)
(Between Switches)
From Input (A or B) to Output
(B or A)
VCT
(SW, SW)
CL = 5 pF, RL = 50 Ω,
fIN = 1 MHz (sine wave)
(see Fig.6)
VCC = 4.5 V
-42
dB
VCC = 1.65 V
35
VCC = 2.3 V
50
VCC = 3 V
70
Crosstalk
(Control Input To Signal
Output)
From Input (C) to Output (B or
A)
VOT
(Cti, SW)
CL = 50 pF, RL = 600 Ω,
fIN =1MHz (sine wave)
(see Fig.7)
VCC = 4.5 V
100
mV
VCC = 1.65 V
-58
VCC = 2.3 V
-58
VCC = 3 V
-58
CL = 50 pF, RL = 600 Ω,
fIN =1MHz (sine wave)
(see Fig.8)
VCC = 4.5 V
-58
VCC = 1.65 V
-42
VCC = 2.3 V
-42
VCC = 3 V
-42
Feedthrough Attenuation
(Switch Off)
From Input (A or B) to Output
(B or A)
αoff(f
T
)
CL = 5 pF, RL = 50 Ω,
fIN = 1MHz (sine wave)
(see Fig.8)
VCC = 4.5 V
-42
dB
VCC = 1.65 V
0.1
VCC = 2.3 V
0.025
VCC = 3 V
0.015
CL = 50 pF, RL = 10 kΩ,
fIN = 1kHz (sine wave)
(see Fig.9)
VCC = 4.5 V
0.01
VCC = 1.65 V
0.15
VCC = 2.3 V
0.025
VCC = 3 V
0.015
Sine-Wave Distortion
From Input (A or B) to Output
(B or A)
DSIN
CL = 50 pF, RL = 10 kΩ,
fIN = 10kHz (sine wave)
(see Fig.9)
VCC = 4.5 V
0.01
%
Note: Adjust fIN voltage to obtain 0dBm at input.
OPERATING CHARACTERISTICS (TA =25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f=10MHz
VCC = 1.8V
8
VCC = 2.5V
9
VCC = 3.3V
9.5
Power Dissipation Capacitance
CPD
VCC = 5V
11
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com