Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G66G-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74LVC2G66G-SM1-R
Description  DUAL BILATERAL ANALOG SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G66G-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74LVC2G66G-SM1-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 6Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 7Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 8Page - Unisonic Technologies U74LVC2G66G-SM1-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
U74LVC2G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 10
www.unisonic.com.tw
QW-R502-432.J
ABSOLUTE MAXIMUM RATING (Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~6.5
V
Input Voltage
VIN
-0.5~6.5
V
Switch I/O Voltage
VOUT
-0.5~VCC+0.5
V
Control Input Clamp Current
IIK
-50
mA
I/O Port Diode Current
II/OK
-50
mA
On-State Switch Current
IOUT
±50
mA
VCC or GND Current
ICC
±100
mA
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-8
150
MSOP-8
220
TSSOP-8
190
Junction to Ambient
DFN-8(2×3)
θJA
59
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
Operating
1.65
5.5
V
I/O Port Voltage
VI/O
0
VCC
V
VCC = 1.65V to 1.95V
0.65×VCC
VCC = 2.3V to 2.7V
0.7×VCC
VCC = 3V to 3.6V
0.7×VCC
High-Level Input Voltage,
Control Input
VIH
VCC = 4.5V to 5.5V
0.7×VCC
V
VCC = 1.65V to 1.95V
0.35×VCC
VCC = 2.3V to 2.7V
0.3×VCC
VCC = 3V to 3.6V
0.3×VCC
Low-Level Input Voltage,
Control Input
VIL
VCC = 4.5V to 5.5V
0.3×VCC
V
Control Input Voltage
VIN
0
5.5
V
VCC = 1.65V to 1.95V
20
VCC = 2.3V to 2.7V
20
VCC = 3V to 3.6V
10
Input Transition Rise or Fall Rate
tR / tF
VCC = 4.5V to 5.5V
10
ns/V
Operating Temperature
TOPR
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com