Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC2G66G-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC2G66G-P08-R
Description  DUAL BILATERAL ANALOG SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC2G66G-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC2G66G-P08-R Datasheet HTML 1Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 2Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 3Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 4Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 5Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 6Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 7Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 8Page - Unisonic Technologies U74LVC2G66G-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC2G66
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-432.J
DUAL BILATERAL ANALOG
SWITCH
DESCRIPTION
The U74LVC2G66 is a dual bilateral analog switch which is
designed for 1.65V to 5.5V operation. This switch can handle
both analog and digital signals and permits signals with
amplitudes of up to 5.5 V (peak) to be transmitted in either
direction. Each switch section has enable-input control (C). If
the voltage applied to C is at high-level, the associated switch
section is turned on.
FEATURES
* Wide Supply Voltage Range from 1.65V to 5.5V
* Up to 5.5V Inputs Accept Voltages
* Max tPD of 0.8 ns at 3.3V
* High ON-OFF Output Voltage Ratio
* High Degree Of Linearity
* High Speed, Typically 0.5 ns at VCC = 3 V, CL = 50 pF
* Rail-to-Rail Input/Output
* Low On-State Resistance, Typically 6 Ω at VCC = 4.5 V
SOP-8
TSSOP-8
MSOP-8
DFN-8(2x3)
1
ORDERING INFORMATION
Ordering Number
Package
Packing
U74LVC2G66G-S08-R
SOP-8
Tape Reel
U74LVC2G66G- SM1-R
MSOP-8
Tape Reel
U74LVC2G66G-P08-R
TSSOP-8
Tape Reel
U74LVC2G66G-K08-2030-R
DFN-8(2×3)
Tape Reel
(1) R: Tape Reel
(2) S08: SOP-8, SM1: MSOP-8, P08: TSSOP-8
K08-2030: DFN-8(2×3)
(3) G: Halogen Free and Lead Free
U74LVC2G66G-S08-R
(1) Packing Type
(2) Package Type
(3) Green Package


Similar Part No. - U74LVC2G66G-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G66G-P08-R UTC-U74LVC2G66G-P08-R Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
More results

Similar Description - U74LVC2G66G-P08-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G66 TI-SN74AUC2G66 Datasheet
323Kb / 16P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66 Datasheet
433Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74AUC2G66 TI-SN74AUC2G66_08 Datasheet
459Kb / 18P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
DUAL BILATERAL ANALOG SWITCH
logo
Unisonic Technologies
U74LVC2G66 UTC-U74LVC2G66 Datasheet
247Kb / 10P
DUAL BILATERAL ANALOG SWITCH
logo
Texas Instruments
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1 Datasheet
648Kb / 17P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI1-SN74LVC2G66-Q1_14 Datasheet
868Kb / 19P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66 TI1-SN74LVC2G66_14 Datasheet
981Kb / 23P
SN74LVC2G66 Dual Bilateral Analog Switch
SN74AUC2G66 TI-SN74AUC2G66_15 Datasheet
845Kb / 21P
DUAL BILATERAL ANALOG SWITCH
SN74LVC2G66-Q1 TI-SN74LVC2G66-Q1_15 Datasheet
842Kb / 18P
DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com