Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC04AG-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74LVC04AG-S14-R
Description  HEX INVERTERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC04AG-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74LVC04AG-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC04AG-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC04AG-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC04AG-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC04AG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74LVC04A
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-187.C
HEX INVERTERS
DESCRIPTION
The UTC U74LVC04A consists of six independent inverters, it
provides the function
A
=
Y
.
Inputs can be driven from either 3.3V or 5V devices, so the
device can be used in a mix 3.3V/5V system.
FEATURES
* Operation Voltage Range: 1.65~3.6V
* Low Power Dissipation
* Input accept voltage to 5.5V
SOP-14
TSSOP-14
DIP-14
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
U74LVC04AL-D14-T
U74LVC04AG-D14-T
DIP-14
Tube
-
U74LVC04AG-S14-R
SOP-14
Tape Reel
-
U74LVC04AG-P14-R
TSSOP-14
Tape Reel
MARKING
SOP-14
TSSOP-14
U T C
U74LVC04AG
2
3
4
5
67
1
9
10
11
12
13
14
Date Code
Lot Code
8
U T C
U74LVC04AG
2 3 4 5 67
1
9
10
11
12
13
14
Date Code
Lot Code
8


Similar Part No. - U74LVC04AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC04AG-S14-R UTC-U74LVC04AG-S14-R Datasheet
168Kb / 5P
HEX INVERTERS
More results

Similar Description - U74LVC04AG-S14-R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
Hex Inverters
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
Hex Inverters
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
HEX INVERTERS
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
HEX INVERTERS
Rev 1
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
HEX INVERTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com