Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC08AG-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC08AG-S14-R
Description  QUAD 2-INPUT AND GATE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC08AG-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC08AG-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC08AG-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC08AG-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC08AG-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC08AG-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC08A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW.-R502-455.C
ELECTRICAL CHARACTERISTICS (TA=25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC = 1.65V~1.95V
0.65*Vcc
V
VCC = 2.3V ~ 2.7V
1.7
V
VCC = 2.7V ~ 3.6V
2
Low-Level Input Voltage
VIL
VCC = 1.65V~1.95V
0.35*Vcc
V
VCC = 2.3V ~ 2.7V
0.7
V
VCC = 2.7V ~ 3.6V
0.8
High-Level Output Voltage
VOH
IOH=-100μA
VCC=1.65V~3.6V VCC-0.2
V
IOH=-4mA
VCC=1.65V
1.29
V
IOH=-8mA
VCC=2.3V
1.9
IOH=-12mA
VCC=2.7V
2.2
V
VCC=3.0V
2.4
IOH=-24mA
VCC=3.0V
2.3
V
Low-Level Output Voltage
VOL
IOH=100μA
VCC=1.65V~3.6V
0.1
V
IOH=-4mA
VCC=1.65V
0.24
V
IOH=-8mA
VCC=2.3V
0.3
IOH=12mA
VCC=2.7V
0.4
IOH=24mA
VCC=3.0V
0.55
V
Input Leakage Current
II(LEAK)
VI=5.5V or GND VCC=3.6V
±1
μA
Quiescent Supply Current
IQ
VIN=5.5V or GND
IOUT=0
VCC=3.6V
1
μA
Additional Quiescent Supply
Current Per Input Pin
∆IQ
One input at
VIN=VCC – 0.6V,
other input at Vcc
or GND
VCC=2.7V~3.6V
500
μA
Input Capacitance
CIN
VIN = VCC or GND, VCC = 3.3V
5
pF
SWITCHING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay from input
(nA or nB) to output(nY)
tPD
VCC=1.8V±0.15V CL=30pF, RL=1kΩ
1
5
9.3
ns
VCC=2.5V±0.2V CL=30pF, RL=500Ω
1
2.9
6.4
VCC=2.7V
CL=50 pF, RL=500Ω
1
3
4.6
VCC=3.3V±0.3V
1
2.6
3.9
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
CPD
f =1MHz, No load
VCC=1.8V
7
pF
VCC=2.5V
9.8
VCC=3.3V
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com