Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5010 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MP5010
Description  50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MP5010 Datasheet(HTML) 1 Page - Micro Commercial Components

  MP5010 Datasheet HTML 1Page - Micro Commercial Components MP5010 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MP5005
THRU
MP5010
50 Amp Single Phase
Bridge Rectifier
50 to 1000 Volts
MP-50
Features
•
Mounting Hole For #8 Screw
•
Plastic Case With Metal Bottom
•
Any Mounting Position
•
Surge Rating Of 400 Amps
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
---
1.140
---
29.00
B
---
.452
---
11.50
C
.425
.480
10.80
12.20
D
.693
.732
17.54
18.6
E
.637
.677
16.20
17.20
G
.188
---
4.77
---
∅
H
.633
.673
16.10
17.10
J
.543
.582
13.80
14.80
Maximum Ratings
•
Operating Temperature: -50
°C to +150°C
•
Storage Temperature: -50
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
MP5005
MP5005
50V
35V
50V
MP501
MP501
100V
70V
100V
MP502
MP502
200V
140V
200V
MP504
MP504
400V
280V
400V
MP506
MP506
600V
420V
600V
MP508
MP508
800V
560V
800V
MP5010
MP5010
1000v
700V
1000v
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
50.0A
TJ = 55
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum Forward
Voltage Drop Per
Element
VF
1.2V
IFM = 25A per
element;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
1.0mA
TJ = 25
°C
TJ = 100
°C
*Pulse test: Pulse width 300
µsec, Duty cycle 1%
B
C
E
AC
+
-
A
AC
G
H
A
D
J
www.mccsemi.com
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - MP5010

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP5010 CHENG-YI-MP5010 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
MP5010 RFE-MP5010 Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
Micro Commercial Compon...
MP5010 MCC-MP5010 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP5010 LRC-MP5010 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Micro Commercial Compon...
MP5010 MCC-MP5010 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP5010

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB5005 MCC-MB5005 Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W Datasheet
78Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W Datasheet
74Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_10 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005W MCC-MP5005W_08 Datasheet
110Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Kwang Myoung I.S. CO.,L...
KBU801 KISEMICONDUCTOR-KBU801 Datasheet
733Kb / 2P
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
W005M KISEMICONDUCTOR-W005M Datasheet
581Kb / 2P
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
MB5005 MCC-MB5005_16 Datasheet
223Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MB5005W MCC-MB5005W_13 Datasheet
152Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP5005 MCC-MP5005_16 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com