Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC14AL-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74LVC14AL-S14-R
Description  HEX SCHMITT-TRIGGER INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74LVC14AL-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74LVC14AL-S14-R Datasheet HTML 1Page - Unisonic Technologies U74LVC14AL-S14-R Datasheet HTML 2Page - Unisonic Technologies U74LVC14AL-S14-R Datasheet HTML 3Page - Unisonic Technologies U74LVC14AL-S14-R Datasheet HTML 4Page - Unisonic Technologies U74LVC14AL-S14-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74LVC14A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R502-436.B
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.65V
0.1
1.15
V
VCC=1.95V
0.15
1.25
V
VCC=2.3V
0.25
1.3
V
VCC=2.5V
0.25
1.3
V
VCC=2.7V
0.3
1.1
V
VCC=3V
0.3
1.2
V
Hysteresis(VT+ - VT-)
ΔVT
VCC=3.6V
0.3
1.2
V
IOH=-100μA
VCC=1.65 ~ 3.6V
VCC-0.2
V
IOH=-4mA
VCC=1.65V
1.29
V
IOH=-8mA
VCC=2.3V
1.9
V
IOH=-12mA
VCC=2.7V
2.2
V
IOH=-12mA
VCC=3.0V
2.4
V
High-Level Output Voltage
VOH
IOH=-24mA
VCC=3V
2.3
V
IOL=100μA
VCC=1.65 ~ 3.6V
0.1
V
IOL=4mA
VCC=1.65V
0.24
V
IOL=8mA
VCC=2.3V
0.3
V
IOL=12mA
VCC=2.7V
0.4
V
Low-Level Output Voltage
VOL
IOL=24mA
VCC=3.0V
0.55
V
Input Leakage Current
II(LEAK)
VIN=5.5V or GND, VCC=3.6V
±1
μA
Quiescent Supply Current
IQ
VIN= VCC or GND, IOUT=0, VCC=3.6V
1
μA
Additional Quiescent Supply
Current Per Input Pin
ΔIQ
VCC=2.7 ~ 3.6V, IOUT=0
One input at VCC-0.6V, Other
inputs at VCC or GND
500
μA
Input Capacitance
CIN
VIN= VCC or GND
5
pF
SWITCHING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8±0.15V RL=1KΩ
1.0
5
10.5
ns
VCC=2.5±0.2V RL=500Ω
CL=30pF
1.0
3.4
7.3
ns
VCC=2.7V
RL=500Ω
1.0
3.6
7.3
ns
Propagation delay from input
(nA) to output(nY)
tPLH / tPHL
VCC=3.3±0.3V RL=500Ω
CL=50pF
1.0
3.2
6.2
ns
OPERATING CHARACTERISTICS (TA=25°С)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC=1.8V
11
pF
VCC=2.5V
12
pF
Power Dissipation Capacitance
Per Inverter
CPD
f=10MHZ
VCC=3.3V
15
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com