Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2114 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC2114
Description  Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2114 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC2114_15 Datasheet HTML 5Page - NXP Semiconductors LPC2114_15 Datasheet HTML 6Page - NXP Semiconductors LPC2114_15 Datasheet HTML 7Page - NXP Semiconductors LPC2114_15 Datasheet HTML 8Page - NXP Semiconductors LPC2114_15 Datasheet HTML 9Page - NXP Semiconductors LPC2114_15 Datasheet HTML 10Page - NXP Semiconductors LPC2114_15 Datasheet HTML 11Page - NXP Semiconductors LPC2114_15 Datasheet HTML 12Page - NXP Semiconductors LPC2114_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
LPC2114_2124
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 10 June 2011
9 of 42
NXP Semiconductors
LPC2114/2124
Single-chip 16/32-bit microcontrollers
[1]
SSP interface available on LPC2114/01 and LPC2124/01 only.
VDDA(1V8)
63
I
analog 1.8 V core power supply; this is the power supply voltage for internal
circuitry. This should be nominally the same voltage as VDD(1V8) but should be
isolated to minimize noise and error.
VDD(3V3)
23, 43, 51
I
3.3 V pad power supply; this is the power supply voltage for the I/O ports
VDDA(3V3)
7
I
analog 3.3 V pad power supply; this should be nominally the same voltage as
VDD(3V3) but should be isolated to minimize noise and error
Table 3.
Pin description …continued
Symbol
Pin
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com